input specifications odc5 odc15 odc24 odc5a odc15a odc24a (s)modc5 (s)modc15 (s)modc24 (s)modc5a (s)modc15a (s)modc24a x4odc5 x4odc15 x4odc24 x4odc5a x4odc15a X4ODC24A nominal input voltage [vdc] 5 15 24 5 15 24 min. input voltage @ pin 3 [vdc] (x4 series) 2.5 (4) 8.5 (10) 16.5 (18) 2.5 (4) 8.5 (10) 16.5 (18) max. input voltage @ pin 3 [vdc] (x4 series) 7.5 (7.5) 20 (20) 30.5 (30.5) 7.5 (7.5) 20 (20) 30.5 (30.5) must turn off voltage [vdc] 1.0 1.0 1.0 1.0 1.0 1.0 typical input current [madc] 10 10 11 10 10 11 max. input current [madc] 27 20 15 27 20 15 nominal input resistance [ohm] 240 900 2.2k 240 900 2.2k output specifications nominal line voltage [vdc] 24 24 24 100 100 100 max. line voltage [vdc] 60 60 60 200 200 200 min. line voltage [vdc] 3 3 3 5 5 5 max. peak off-state voltage [v] 60 60 60 200 200 200 max. off-state leakage current [madc] 1.0 1.0 1.0 2.0 2.0 2.0 max. on-state current [adc] 3 3 3 1 1 1 min. on-sate current [madc] 10 10 10 10 10 10 max. one second surge [a peak] 5 5 5 5 5 5 max. on-state voltage @ 25c [v peak] 1.5 1.5 1.5 1.5 1.5 1.5 max. turn-on time [sec] 50 50 50 50 50 50 nominal turn-on time [sec] 10 10 10 10 10 10 max. turn-off time [sec] 100 100 100 100 100 100 derating [ma per c] 33 above 25 c 20 above 60 c fuse rating [fast-acting] (x4 series only) 4a 4a 4a 4a 4a 4a series odc. rev. 052407 page 1 of 2 ? 2007 crydom inc., specifications subject to change without notice. solid state i/o switching modules deliv- er an electrically clean, photo-isolated, noise-free "output" interface from logic level control systems to external loads such as motors, valves, solenoids, etc. -- or an "input" interface from the load or sensors to microprocessor or computer-based logic level systems. designed for long, reliable service in demanding industrial environments. ? status indicating led on x4 series and 4a fuse ? ul, csa, and ce series odc, dc output modules (s)modc, x4odc for recommended applications and more information contact: usa: sales support (877) 502-5500 tech support (877) 702-7700 fax (619) 710-8540 crydom inc., 2320 paseo de las americas, ste. 201, san diego, ca 92154 email: sales@crydom.com web site: http://www.crydom.com uk: +44 (0)1202 606030 ? fax +44 (0)1202 606035 crydom ssr ltd., arena business centre, holyrood close, poole, dorset bh17 7fj, email: intsales@crydom.com. germany: +49 (0)180 3000 506
series odc, dc output modules (s)modc, x4odc logic vac/dc 1 2 3 4 + - amplifier 1 + - amplifier 1 + - amplifier + - amplifier + - amplifier + - amplifier + - amplifier + - amplifier logic vac/dc 1 2 3 4 + - amplifier general specifications operating temperature range ?30 to +80c isolation 4,000 vrms capacitance input to output 8 pf package color red storage temperature range ?40 to +100c 1.25 (31.7) .25 (6.3) .040 (1.0) dia. (4 places) .70 (17.8) 1.20 (30.5) 1.40 (35.5) 1.70 (43.1) .30 (7.6) .100 (2.5) .30 (7.6) .60 (15.2) 1.00 (25.4) .030 (0.8) captive #4-40. phillips head hold down screw 1 2 3 4 bottom view standard series, odc all dimensions are in inches (millimeters) x4 series, x4odc 1.78 (45.2) 0.35 (8.9) 1.82 (46.2) 1.70 (43.1) 1.3 (33.0) 0.81 (20.6) 0.55 (13.9) 0.20 (5.1) 0.48 (12.2) 0.20 (5.1) captive #4-40. phillips head hold down screw .040 (1.0) dia. (4 places) 1.00 (25.4) .25 (6.35) .040 (1.0) dia. (4 places) .30 (7.6) .200 (5.1) .700 (17.8) 1.100 (27.9) .100 (2.5) .40 (10.2) 1 2 3+ bottom view 1.70 (43.1) 4 1.70 (43.1) 1.00 (25.4) captive #4-40. phillips head hold down screw mini-pack series, (s)modc 1.00 (25.4) .25 (6.35) .040 (1.0) dia. (4 places) .30 (7.6) .200 (5.1) .700 (17.8) 1.100 (27.9) .100 (2.5) .40 (10.2) 1 2 3+ bottom view 1.70 (43.1) 4 1.70 (43.1) sm prefix m prefix application notes ? do not install or remove modules in live (electrically hot) circuits. high voltage may be present. ? an externally located commutating diode must be installed across inductive loads ? i/o module boards also available series odc. rev. 052407 page 2 of 2 ? 2007 crydom inc., specifications subject to change without notice. wiring & mechanical diagrams standard and mini pack x4 series for recommended applications and more information contact: usa: sales support (877) 502-5500 tech support (877) 702-7700 fax (619) 710-8540 crydom inc., 2320 paseo de las americas, ste. 201, san diego, ca 92154 email: sales@crydom.com web site: http://www.crydom.com uk: +44 (0)1202 606030 ? fax +44 (0)1202 606035 crydom ssr ltd., arena business centre, holyrood close, poole, dorset bh17 7fj, email: intsales@crydom.com. germany: +49 (0)180 3000 506
ann ex ? e nvironm ental i nformati on: the environmental information disclosed in this annex including the eip pollution logo are in compliance with people?s republic of china electronic industry standard sj/t11364 ? 2006, marking for control of pollution caused by electronic information products. part toxic or hazardous substance and elements name lea d mercury cadmiu m he xav a len t polybrominated polybrominated (pb) (hg) (cd) chromium (cr (vi)) biphenyls (pbb) diphenyl ethers (pbde) se micondu ct or di e x o o o o o solder x o o o o o l - )? c : !8 l ? / ,x + $ c { ? "5 ? ,x )? c 0 " ? !? e ` ? + $ > ? ? ? sj/t11364 - 2006, + $ c { ? "5 { ? a? ?u " 2? b (= ? y !| y f? /? j? "2 k a?j ?$?6(8? ?$?`8?gn (pb) (hg) (cd) (cr (vi)) (pbb) (pbde) e'8?( x o o o o o &ty&? x o o o o o ? 2007 crydom inc., specificat ions subject to change without notice.
|